PART |
Description |
Maker |
AAT3223 |
250mA NanoPower LDO Linear Regulator with Power OK
|
Analogic Tech
|
AAT3223IGU-2.8-T1 AAT3223IGU-3.3-T1 AAT3223 AAT322 |
250mA NanoPower⑩ LDO Linear Regulator with Power-OK 250mA NanoPower垄芒 LDO Linear Regulator with Power-OK 250mA NanoPower LDO Linear Regulator with Power-OK
|
AAT[Advanced Analog Technology, Inc.] Advanced Analogic Technologies
|
AAT3242ITP-WN-T1 AAT3242ITP-WI-T1 AAT3242 AAT3242I |
300mA/150mA Dual CMOS LDO Linear Regulator
|
AAT[Advanced Analog Technology, Inc.]
|
MAX8877 MAX8877C_DXY MAX8877EUKXY-T MAX8877-MAX887 |
Low-Noise, Low-Dropout, 150mA Linear Regulators with ?982 Pinout Low-Noise, Low-Dropout, 150mA Linear Regulators with 2982 Pinout From old datasheet system Low-Noise, Low-Dropout, 150mA Linear Regulators with ‘2982 Pinout Low-Noise / Low-Dropout / 150mA Linear Regulators with 2982 Pinout AC Series Door Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Rod Actuator, Silver Contacts, Screw Termination Low-Noise, Low-Dropout, 150mA Linear Regulators with 982 Pinout 低噪声,低压差,150mA的线性稳压器的\u0026#39;2982引脚
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
MIC5256-2.5BM5 MIC5256-2.5YM5 MIC5256-2.6BM5 MIC52 |
150mA 渭Cap LDO with Error Flag 150mA μCap LDO with Error Flag 2.8 V FIXED POSITIVE LDO REGULATOR, 0.25 V DROPOUT, PDSO5
|
Micrel Semiconductor MICREL INC
|
MIC5246 MIC5246-2.6BM5 MIC5246-2.7BM5 MIC5246-2.85 |
150mA レCap CMOS LDO Regulator Preliminary Information 2.7 V FIXED POSITIVE LDO REGULATOR, 0.25 V DROPOUT, PDSO5 DIODE, SCHOTTKY BARRIER DIODE 150mA Cap CMOS LDO Regulator Preliminary Information 150mA μCap CMOS LDO Regulator Preliminary Information
|
Micrel Semiconductor, Inc. Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
MAX8875 MAX8875EUK25 MAX8875EUK25-T MAX8875EUK27 M |
150mA / Low-Dropout Linear Regulator with Power-OK Output 150mA, Low-Dropout Linear Regulator with Power-OK Output 2.5 V FIXED POSITIVE LDO REGULATOR, 0.22 V DROPOUT, PDSO5
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
MIC5205 MIC5205-2.5BM5 MIC5205-2.7BM5 MIC5205-2.85 |
150mA Low-Noise LDO Regulator Low Input Voltage 3A Synchronous Buck Converter with 3.3V Output 20-HTSSOP -40 to 85 3V to 6V, 3A, 1.6MHz Synchronous Step Down SWIFT Converter 24-VQFN -40 to 125 Automotive Catalog 3-V to 6-V Input 3-A Output Synchronous-Buck PWM Switcher 20-HTSSOP -40 to 125 150mA Low-Noise LDO Regulator 3 V FIXED POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PDSO5 150mA Low-Noise LDO Regulator 3.6 V FIXED POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PDSO5 150mA Low-Noise LDO Regulator 2.9 V FIXED POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PDSO5
|
MICREL[Micrel Semiconductor] Micrel Semiconductor,Inc. Micrel Semiconductor, Inc. MICREL INC
|
R1122N2.4A-TL R1122N3.4A-TL R1122N4.4A-TL R1122N4. |
Analog IC 模拟IC LOW NOISE 150mA LDO REGULATOR FIXED POSITIVE LDO REGULATOR, PDSO5 LOW NOISE 150mA LDO REGULATOR 低噪50mA的LDO稳压 RELAY 低噪50mA的LDO稳压
|
Ricoh Co., Ltd. RICOH electronics devic...
|
AAT3216IGV-1.2-T1 AAT3216IGV-1.5-T1 AAT3216IGV-1.8 |
150mA MicroPower垄芒 LDO with PowerOK 150mA MicroPower LDO with PowerOK
|
Advanced Analogic Technologies
|